industrial ethernet solutions features EKI-6311G specifcations general chipset atheros solution data rates 802.11 b: 1, 2, 5.5, 11mbps 802.11g: 6, 9, 12, 18, 24, 36, 48, 54 mbps standards ieee802.11 b/g, ieee802.1x, ieee802.3, ieee802.3u certifcations ip65, fcc part 15b ce en60950/en300328/en301489-1-17 rf information frequency band 2.400 ~ 2.484 ghz media access protocol carrier sense multiple access with collision avoidance (csma/ca) modulation technology 802.11b: direct-sequence spread spectrum (dsss) dbpsk @ 1mbps dqpsk @ 2mbps cck @ 5.5 and 11mbps 802.11g: orthogonal frequency division multiplexing (ofdm) bpsk @ 6 and 9 mbps qpsk @ 12 and 18 mbps 6-qam @ 24 and 36 mbps 64-qam @ 48 and 54 mbps receive sensitivity 2.412~2.472g (ieee802.11g) -92dbm@6mbps -76dbm@54mbps 2.412 ~ 2.472g (ieee802.11b) -92dbm@11mbps -96dbm@1mbps transmit output power ieee802.11g: 14dbm+-2 (typical) ieee802.11b: 17dbm+-2 antennas 5dbi dipole antenna x 2 (external) rf connector sma female power power consumption max. 12 w power input active ethernet (power over ethernet): 48 v dc /0.375a ? ? ? ? ? ? ? ? ? ? ? ? ? networking information topology infrastructure, ad-hoc operation mode point-to-point/ point-to-multipoint ap/client bridge/ wds repeater interface 1 x 10/100 mbps rj-45 lan port (auto switch) security ieee802.1x / radius client (eap-md5/tls/ttls, peap) support in ap mode ieee802.1x supplicant (eap-md5/tls/ttls, peap) support in client bridge mode wep 64/128 bits wpa/wpa2 personal psk (pre share key) with tkip/aes wpa/wpa2 enterprise eap-md5/tls/ttls authenticator with tkip/aes mac address fltering layer2 isolation vlan tunneling support hide ssid in beacons ip auto-confguration dhcp client/server management remote confguration web-based confguration (http) telnet confguration firmware upgrade upgrade frmware via web-browser physical dimensions (l x w x h) 209.1 x 165.4 x 61.5 mm weight 500g environment operating temperature -10 ~ 60 c (14 ~ 158 f) storing temperature - 40 ~ 85 c (-40 ~ 185 f) humidity 5 ~ 95% (non-condensing) ordering information EKI-6311G 802.11b/g wireless ap/client bridge (us) EKI-6311G/eu 802.11b/g wireless ap/client bridge (eu) ? ? ? ? ? ? ? ? ? ? ? ? ? ? introduction EKI-6311G features enhanced wireless transmission capabilities to provide a reliable wireless environment for industrial building systems. moreover, a detachable antenna can collocate with any high gain antenna to enhance wireless connections even further. to protect wireless connections, EKI-6311G can encrypt transmissions through 64/128-bit wep data encryption and also supports wpa2/wpa/802.1x for powerful security authentication. ieee 802.11 b/g compatible ieee 802.3 af power over ethernet (poe) support high speed data rates (up to 54 mbps) output power up to 19dbm (80mw) point-to-point, point-to-multipoint wireless connectivity wep/wpa/wpa2/ ieee 802.1 x authentication support wds (wireless distribution system) support ip65 compliance protects against dust and water multi-ssid (up to 4 ssid) support ? ? ? ? ? ? ? ? ? 802.11 b/g wireless access point/client bridge new rohs compliant 2002/95/ec
|